Part Number Hot Search : 
PESD5V0L AN7164N GB20B60P NCCW023T 30410 AN281 70280 MC3415
Product Description
Full Text Search
 

To Download TSOP1838 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP18..
Vishay Telefunken
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type TSOP1830 TSOP1836 TSOP1838 TSOP1856 fo 30 kHz 36 kHz 38 kHz 56 kHz Type TSOP1833 TSOP1837 TSOP1840 fo 33 kHz 36.7 kHz 40 kHz
Description
The TSOP18.. - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the reliable function even in disturbed ambient and the protection against uncontrolled output pulses.
14 500
Features
D D D D D
Photo detector and preamplifier in one package Internal filter for PCM frequency TTL and CMOS compatibility Output active low Improved shielding against electrical field disturbance
Special Features
D Small size package D Enhanced immunity against all kinds
of disturbance light
D No occurrence of disturbance pulses at
the output
D Short settling time after power on (<200ms)
D Suitable burst length 6 cycles/burst
Block Diagram
3 Input Control Circuit VS
30 kW 1 OUT
PIN AGC Band Pass Demodulator 2
9612226
GND
Document Number 82047 Rev. 13, 13-Sep-00
www.vishay.com 1 (7)
TSOP18..
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C Parameter Supply Voltage Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature Test Conditions (Pin 3) (Pin 3) (Pin 1) (Pin 1) Symbol VS IS VO IO Tj Tstg Tamb Ptot Tsd Value -0.3...6.0 5 -0.3...6.0 5 100 -25...+85 -25...+85 50 260 Unit V mA V mA C C C mW C
(Tamb 85 C) t 10 s, 1 mm from case
x
x
Basic Characteristics
Tamb = 25_C Parameter Supply Current (Pin 3) Supply Voltage (Pin 3) Transmission Distance Output Voltage Low (Pin 1) Irradiance (30 - 40 kHz) Irradiance (56 kHz) Irradiance Directivity Ev = 0, test signal see fig.6, IR diode TSAL6200, IF = 300 mA IOSL = 0.5 mA,Ee = 0.7 mW/m2, f = fo Pulse width tolerance: tpii - 4/fo < tpo < o tpi + 6/fo, test signal see fig.6 Angle of half transmission distance Test Conditions VS = 5 V, Ev = 0 VS = 5 V, Ev = 40 klx, sunlight Symbol ISD ISH VS d VOSL Ee min Ee max 1/2 30 45 0.3 0.4 Min 0.9 4.5 35 250 0.5 0.7 Typ 1.2 1.3 Max 1.5 5.5 Unit mA V m mV mW/m2 W/m2 deg
Application Circuit
100
W *)
>10 kW
+ VS
3
TSOP18.. TSAL62..
4.7
mF *)
optional 1
mC
2
GND
15905
*) recommended to suppress power supply disturbances
www.vishay.com 2 (7)
Document Number 82047 Rev. 13, 13-Sep-00
TSOP18..
Vishay Telefunken Suitable Data Format
The circuit of the TSOP18.. is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal ( not suppressed) and disturbance signal (supressed) are carrier frequency, burst length and Signal Gap Time (see diagram below). The data signal should fullfill the following condition: * Carrier frequency should be close to center frequency of the bandpass (e.g. 38kHz). * Burst length should be 6 cycles/burst or longer. * After each burst a gap time of at least 9 cycles is neccessary. * The data format should not make a continuous signal transmission. There must be a Signal Gap Time (longer than 15ms) at least each 90ms (see Figure A). Some examples for suitable data format are: NEC Code (repetitive pulse), NEC Code (repetitive data), Toshiba Micom Format, Sharp Code, RC5 Code, RECS-80 Code, R-2000 Code. When a disturbance signal is applied to the TSOP18.. it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP18.. are: * DC light (e.g. from tungsten bulb or sunlight), * Continuous signal at 38kHz or at any other frequency, * Signals from fluorescent lamps (see Figure B). * Continuous IR signal (e.g. 1ms burst, 2ms pause)
Signal Gap Time
0
10
20
30
40
50 time [ms]
60
70
80
90
100
Figure A: Data Signal (Output of IR Receiver) with a Signal Gap Time of 20ms
Signal Gap Time
0
2
4
6
8
10 time [ms]
12
14
16
18
20
Figure B: Disturbance Signal from Fluorescent Lamp with Signal Gap Time of 7ms
Document Number 82047 Rev. 13, 13-Sep-00 www.vishay.com 3 (7)
TSOP18..
Vishay Telefunken Typical Characteristics (Tamb = 25_C unless otherwise specified)
1.0 0.8 E e min - Threshold Irradiance (mW/m2 ) /eE - Rel. Responsitivity 100.0
f = fo 10.0 10 kHz 1 kHz 1.0
0.6
0.4 0.2 0.0 0.7 0.8 0.9 1.0 1.1 1.2 1.3
Df ( 3 dB ) = f0 / 7
f / f0 - Relative Frequency
f = f0
"5%
eE min
100 Hz 0.1 0.1 1.0 10.0 100.0 1000.0
94 9102
96 12215
DVs RMS - AC Voltage on DC Supply Voltage (mV)
Figure 1. Frequency Dependence of Responsivity
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0.01 0.10 1.00 10.00 100.00 Ambient, l = 950 nm Correlation with ambient light sources ( Disturbance effect ) : 1 0W/m2^1.4 klx ( Stand.illum.A, T = 2855 K )^8.2 klx ( Daylight, T = 5900 K )
Figure 4. Sensitivity vs. Supply Voltage Disturbances
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 VS - Supply Voltage ( V ) Sensitivity in dark ambient
E e min - Threshold Irradiance (mW/m2 )
96 12214
E - DC Irradiance (W/m2)
14312
Figure 2. Sensitivity in Bright Ambient
Ee Ee min - Threshold Irradiance ( mW/m2 ) 2.0 f ( E ) = f0 1.6 1.2 0.8 0.4 0.0 0.0
94 8147
E e min - Threshold Irradiance (mW/m2 )
Figure 5. Sensitivity vs. Supply Voltage
Optical Test Signal
600 ms TD*
600 ms
t
Trep=100 ms * Trep-TD > 15 ms is recommended for optimal function VO VOH 0.4 0.8 1.2 1.6 2.0 VOL Ton Toff t Output Signal, ( see Fig.7 )
9612218
E - Field Strength of Disturbance ( kV / m )
Figure 3. Sensitivity vs. Electric Field Disturbances
Figure 6. Output Function
www.vishay.com 4 (7)
Document Number 82047 Rev. 13, 13-Sep-00
TSOP18..
Vishay Telefunken
0.80 T on ,T - Output Pulse Length (ms) off 0.75 0.70 0.65 0.60 0.55 0.50 0.45 0.4 0.1
16163
Toff
Ton
optical test signal, fig.6 1.0 10.0 100.0 1000.0 10000.0 100000.0
14317
1.7 1.6 Supply current in dark ambient 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 VS - Supply Voltage ( V )
Ee - Irradiance (mW/m2)
Figure 7.
2.0 1.8 I s - Supply Current ( mA ) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -30 -15
14315
I s - Supply Current ( mA ) Vs = 5 V S ( l ) rel - Relative Spectral Sensitivity
Figure 10. Supply Current vs. Supply Voltage
1.2 1.0 0.8 0.6 0.4 0.2 0 750
94 8408
0
15
30
45
60
75
90
850
950
1050
1150
Tamb - Ambient Temperature ( C )
l - Wavelength ( nm )
Figure 8. Supply Current vs. Ambient Temperature
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -30 -15 0 15 30 45 60 75 90 Sensitivity in dark ambient
Figure 11. Relative Spectral Sensitivity vs. Wavelength
0 10 20 30
E e min - Threshold Irradiance (mW/m2 )
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
96 12223p2
96 12221
Tamb - Ambient Temperature ( C )
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
Figure 9. Sensitivity vs. Ambient Temperature
Figure 12. Directivity
Document Number 82047 Rev. 13, 13-Sep-00
www.vishay.com 5 (7)
TSOP18..
Vishay Telefunken Dimensions in mm
9612211
www.vishay.com 6 (7)
Document Number 82047 Rev. 13, 13-Sep-00
TSOP18..
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 82047 Rev. 13, 13-Sep-00
www.vishay.com 7 (7)


▲Up To Search▲   

 
Price & Availability of TSOP1838

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X